GL39931 BB40931 BA36931 BA36933 BD40931 BF37931E B |
SCREWDRIVER SET, DUOSUPSLIM 5 PCSCREWDRIVER SET, DUOSUPSLIM 5 PC; Handle type:SHATTERPROOF POLYPROPYLENE; Kit contents:2.5, 3, 4mm Slot, Philips N0 0, Philips N0 00 RIVETER PLIERSRIVETER PLIERS; Rivet Diameter: 单相模压桥梁0,8放大,5放大 SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP 单相模压桥梁0,8放大,5放大 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% ER 14C 14#16 SKT PLUG Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 1000uF; Voltage: 63V; Case Size: 16x40 mm; Packaging: Bulk SINGLE PHASE MOULDED BRIDGES 0.8 AMP TO 1.5 AMP Single Phase Moulded Bridges 0.8 Amp ro 1.5 Amp SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP
|
Electronic Theatre Controls, Inc. Facon ETC[ETC] Rohm Sharp Electrionic Components List of Unclassifed Manufacturers List of Unclassifed Man...
|
CP005028R00KB14 CP002M2R050JB37 CP002M1K500JB37 CP |
WIREWOUND,28 OHM,10%,50W,300PPM,AXL,THRU-HOLE,BULK - Bulk Wire Wound Resistor, RESISTOR, WIRE WOUND, 4 W, 5 %, 50 ppm, 2.05 ohm, SURFACE MOUNT, CHIP Wire Wound Resistor, RESISTOR, WIRE WOUND, 4 W, 5 %, 50 ppm, 1500 ohm, SURFACE MOUNT, 7125, CHIP Res Wirewound 270 Ohm 1% 4W ±50ppm/C Ceramic Steatite SMD Bulk Wire Wound Resistor, RESISTOR, WIRE WOUND, 15 W, 5 %, 300 ppm, 510 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, GREEN Wire Wound Resistor, RESISTOR, WIRE WOUND, 10 W, 5 %, 300 ppm, 2.7 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, GREEN Wire Wound Resistor, RESISTOR, WIRE WOUND, 4 W, 1 %, 90 ppm, 0.1 ohm, SURFACE MOUNT, 7125, CHIP WIREWOUND,2KOHM,10%,5W,300PPM,AXL,THRU-HOLE,BULK - Bulk WIREWOUND,1K OHM,10%,5W,300PPM,AXL,THRU-HOLE,BULK - Bulk
|
Vishay Dale
|